PART |
Description |
Maker |
ASX210A03X ASX210A06X |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.012A (COIL), 3VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 6VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
|
ADJ13012 ADJ13005 ADJ51024 ADJ22024 ADJ21048 |
POWER/SIGNAL RELAY, SPDT, LATCHED, 0.021A (COIL), 12VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, LATCHED, 0.05A (COIL), 5VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 24VDC (COIL), 150mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, LATCHED, 0.006A (COIL), 24VDC (COIL), 150mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, LATCHED, 0.003A (COIL), 48VDC (COIL), 150mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
|
R566363040 R566712008 R566712040 |
RF COAXIAL RELAY, DPDT, LATCHED, 0.21A (COIL), 28VDC (COIL), 5880mW (COIL), 4000MHz, PANEL MOUNT RF COAXIAL RELAY, DPDT, FAILSAFE, 0.48A (COIL), 12VDC (COIL), 5760mW (COIL), 2000MHz, PANEL MOUNT RF COAXIAL RELAY, DPDT, FAILSAFE, 0.48A (COIL), 12VDC (COIL), 5760mW (COIL), 4000MHz, PANEL MOUNT
|
RADIALL S A
|
R577E53002 R577E13005 |
RF COAXIAL RELAY, DPDT, LATCHED, 0.125A (COIL), 28VDC (COIL), 3500mW (COIL), 6000MHz, PANEL MOUNT RF COAXIAL RELAY, DPDT, FAILSAFE, 0.14A (COIL), 28VDC (COIL), 3920mW (COIL), 6000MHz, PANEL MOUNT
|
RADIALL S A
|
BAL-3W-K BA-24W-K BA-5W-K BAL-D5W-K BAL-D4.5W-K BA |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.08A (COIL), 4.5VDC (COIL), 360mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.056A (COIL), 4.5VDC (COIL), 250mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
|
FUJITSU LTD Fujitsu Component Limited.
|
4M1SDP1S1/1VS2PE 4M1SDP1S3/1VS2PE 4M1SDP1S5/1VS2PE |
SLIDE SWITCH, DPDT, LATCHED, 5A, 28VDC, THROUGH HOLE-STRAIGHT SLIDE SWITCH, SPDT, LATCHED, 5A, 28VDC, THROUGH HOLE-STRAIGHT SLIDE SWITCH, DPDT, LATCHED, 5A, 28VDC, PANEL MOUNT SLIDE SWITCH, DPDT, LATCHED, 0.02A, 20VDC, PANEL MOUNT SLIDE SWITCH, DPDT, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT
|
Panasonic, Corp. Lattice Semiconductor, Corp. NIC Components, Corp.
|
TXS2SA-L-9V-X |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.004A (COIL), 9VDC (COIL), 35mW (COIL), 1A (CONTACT), 110VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic, Corp.
|
EC2-4.5TNQ |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
EE2-4.5TNUH-L |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
NEC TOKIN CORP
|
1S1-MDP4-R1/2VS2PE 1S1-MDP4-R1/2M7QE 1S1-MDP4-R1/2 |
ROCKER SWITCH, DPDT, MOMENTARY, 3A, 28VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, DPDT, MOMENTARY, 3A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, DPDT, MOMENTARY, 3A, 28VDC, PANEL MOUNT ROCKER SWITCH, DPDT, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, DPDT, LATCHED, 3A, 28VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, SPDT, MOMENTARY, 3A, 28VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, DPDT, LATCHED AND MOMENTARY, 0.02A, 20VDC, PANEL MOUNT ROCKER SWITCH, DPDT, LATCHED AND MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, DPDT, LATCHED, 3A, 28VDC, PANEL MOUNT
|
|
|